Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download AP4501SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4501SD
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching
G2 D1 D1 D2 D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID P-CH BVDSS RDS(ON) ID
D1
30V 27m 7A -30V 49m -5A
D2
PDIP-8
S1
S2 G1
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness.
G1
G2 S1 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 30 20 7 5.8 40 2 0.016 -55 to 150 -55 to 150 P-channel -30 20 -5 -4.2 -30
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient 3 Max. Value 62.5 Unit /W
Data and specifications subject to change without notice
200221031
AP4501SD
N-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. Typ. Max. Units 30 1 0.03
27 50 3 1 25 -
V V/ m m V S uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=5A
12 8.4 2.1 4.7 6 5.2 18.8 4.4 645 150 95
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25oC) Drain-Source Leakage Current (Tj=150 C)
o
VDS=VGS, ID=250uA VDS=10V, ID=7A VDS=30V, VGS=0V VDS=24V, VGS=0V VGS=20V ID=7A VDS=24V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
100 nA
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.2V Tj=25, IS=1.7A, VGS=0V
Min. Typ. Max. Units 1.7 1.2 A V
Forward On Voltage
2
AP4501SD
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current ( T=25 C) j Drain-Source Leakage Current ( T=150 C) j
o o
Test Conditions VGS=0V, ID=-250uA
2
Min. Typ. Max. Units -30 -1 -0.03
49 75 -3 -1 -25 -
V V/ m m V S uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
VGS=-10V, ID=-5A VGS=-4.5V, ID=-3A VDS=VGS, ID=-250uA VDS=-10V, ID=-5.3A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 20V ID=-5.3A VDS=-15V VGS=-4.5V VDS=-15V ID=-1A RG=6,VGS=-10V RD=15 VGS=0V VDS=-25V f=1.0MHz
8 9 3.5 2 12 20 45 27 760 330 90
Gate-Source Leakage Total Gate Charge
2
100 nA
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=-1.2V Tj=25, IS=-1.7A, VGS=0V
Min. Typ. Max. Units -1.7 -1.2 A V
Forward On Voltage
2
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Mounted on 1 in2 copper pad of FR4 board ; 90/W when mounted on Min. copper pad.
AP4501SD
N-Channel
40
36
10V 8.0V 6.0V 5.0V
30
10V 8.0V 6.0V 5.0V
ID , Drain Current (A)
ID , Drain Current (A)
24
20
V GS =4. 0 V
V GS =4.0V
12
10
T C =25 o C
0 0 1 2 3 4
T C =150 o C
0 0 2 3 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2
I D =7.0A T C =25
I D =7.0A V GS = 10V
40
Normalized RDS(ON)
2 5 8 11
70
1.4
RDS(ON) (m )
0.8
10
0.2 -50 0 50 100 150
V GS (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP4501SD
N-Channel
2.4
8
6
1.8
ID , Drain Current (A)
PD (W)
4
1.2
2
0.6
0 25 50 75 100 125 150
0 0 50 100 150
T c , Case Temperature ( C)
o
T c ,Case Temperature ( o C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
Duty Factor = 0.5
0.2
100us Normalized Thermal Response (Rthja)
10
0.1
1ms
0.1
0.05
ID (A)
1
10ms 100ms 1s
0.02
0.01
PDM
0.01
Single Pulse
t T
0.1
T C =25 o C Single Pulse
0.01 0.1 1 10
10s DC
Duty Factor = t/T Peak Tj = P DM x R thja + Ta Rthja=90 C/W
o
0.001
100
0.0001
0.001
0.01
0.1
1
10
100
1000
V DS (V) t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP4501SD
N-Channel
f=1.0MHz
12 10000
I D =7.0A
VGS , Gate to Source Voltage (V)
9
6
C (pF)
V DS= 1 6 V V DS =20V V DS =24V
1000
Ciss
100 3
Coss Crss
0 0 4 8 12 16
10 1 7 13 19 25 31
Q G , Total Gate Charge (nC)
V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
3
2.5 10 2
VGS(th) (V)
T C = 150 C
IS(A)
1
o
T C =25 C
o
1.5
1
0.1 0.5
0.01 0 0.4 0.8 1.2
0 -50 0 50 100 150
V SD (V)
T j , Junction Temperature ( o C )
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
AP4501SD
N-Channel
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.5 x RATED VDS
RG
G
+ 10V -
S VGS
10% VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG 4.5V
D
0.8 x RATED VDS G S
+
QGS
VGS
QGD
1~ 3 mA
I
G
I
D
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
AP4501SD
P-Channel
36
40
-10V -8.0V -6.0V
30
-10V -8.0V -6.0V -ID , Drain Current (A)
24
-ID , Drain Current (A)
-5.0V
20
-5.0V
V GS = - 4. 0 V
10
12
V GS = - 4. 0 V
T C =25 o C
0 0 1 2 3 4
T C =150 o C
0 0 1 2 3 4 5
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
120
1.8
I D =-5.0A T C =25
1.6
I D =-5.0A V GS = -10V
Normalized RDS(ON)
90
1.4
RDS(ON) (m )
1.2
60
1
0.8
30 3 5 7 9 11
0.6 -50 0 50 100 150
-V GS (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP4501SD
P-Channel
6
2.4
5 1.8
-ID , Drain Current (A)
4
3
2 0.6 1
0 25 50 75 100 125 150
PD (W)
1.2
0 0 50 100 150
T c , Case Temperature ( C)
o
T c ,Case Temperature ( o C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
Duty Factor = 0.5
0.2
Normalized Thermal Response (R thja)
100us
10
0.1
1ms -ID (A) 10ms
1
0.1
0.05
0.02
100ms 1s
0.1
0.01
PDM
Single Pulse
0.01
t T
10s T C =25 o C Single Pulse
0.01 0.1 1 10 100
Duty Factor = t/T Peak Tj = P DM x Rthja + Ta Rthja=90oC/W
DC
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP4501SD
P-Channel
14
10000
f=1.0MHz
12
I D =-5.0A
-VGS , Gate to Source Voltage (V)
10
8
C (pF)
V DS =-10V V DS =-15V V DS =-20V
1000
Ciss Coss
6
100
4
Crss
2
0 0 5 10 15 20 25 30
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
3
2.5
10
2
1
-VGS(th) (V)
1.3
-IS(A)
T j =150 C
o
T j =25 C
o
1.5
1
0.1
0.5
0.01 0.1 0.4 0.7 1
0 -50 0 50 100 150
-V SD (V)
T j , Junction Temperature ( C )
o
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
AP4501SD
P-Channel
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.5 x RATED VDS
RG
G
10%
S -10 V VGS
VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG -4.5V
D
G S -1~-3mA I
G
0.5 x RATED VDS
QGS
QGD
VGS
ID
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4501SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X